Part Number Hot Search : 
SMC20CA Z8L180 000XC BD246A PE9614 LT3032 FLI5962H 1A352PR
Product Description
Full Text Search
 

To Download LA100-TP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Current Transducer LA 100-TP
For the electronic measurement of currents : DC, AC, pulsed..., with a galvanic isolation between the primary circuit (high power) and the secondary circuit (electronic circuit).
IPN
=
100 A
Electrical data
IPN IP RM Primary nominal r.m.s. current Primary current, measuring range Measuring resistance @ with 12 V with 15 V ISN KN VC IC Vd Vb @ 100 A max @ 120 A max @ 100 A max @ 150 A max 100 0 .. 150 TA = 70C TA = 85C RM min RM max RM min RM max 0 0 0 0 50 22 110 33 0 0 20 20 42 14 102 25 A A
Features
*Closed loop (compensated) current
transducer using the Hall effect

*Printed circuit board mounting *Insulated plastic case recognized
according to UL 94-V0.
Secondary nominal r.m.s. current Conversion ratio Supply voltage ( 5 %) Current consumption R.m.s. voltage for AC isolation test, 50 Hz, 1 mn R.m.s. rated voltage
50 mA 1 : 2000 12 .. 15 V 10 (@ 15 V) + IS mA 2.5 kV 610 V
Advantages
*Excellent accuracy *Very good linearity *Low temperature drift *Optimized response time *Wide frequency bandwidth *No insertion losses *High immunity to external
interference
Accuracy - Dynamic performance data
X Accuracy @ IPN , TA = 25C
L
@ 15 V ( 5 %) @ 12 .. 15 V ( 5 %)
Linearity Offset current @ IP = 0, TA = 25C Residual current 1) @ IP = 0, after an overload of 3 x IPN Thermal drift of IO - 25C .. + 85C - 40C .. - 25C Reaction time @ 10 % of IP max Response time 2) @ 90 % of IP max di/dt accurately followed Frequency bandwidth (- 1 dB)
0.45 0.70 < 0.15 Max 0.10 0.15 0.05 0.25 0.10 0.50 < 500 <1 > 200 DC .. 200 Typ
% % % mA mA mA mA ns s A/s kHz
*Current overload capability.
Applications
*AC variable speed drives and servo
motor drives
IO IOM IOT t ra tr di/dt f
*Static converters for DC motor drives *Battery supplied applications *Uninterruptible Power Supplies
(UPS)
*Switched Mode Power Supplies
(SMPS)
General data
TA TS RS m Ambient operating temperature Ambient storage temperature Secondary coil resistance @ Mass Standards
1) 2) 3)
*Power supplies for welding
- 40 .. + 85 - 50 .. + 95 120 128 24 EN 50178 C C g applications.
TA = 70C TA = 85C
3)
Notes :
The result of the coercive field of the magnetic circuit With a di/dt of 100 A/s A list of corresponding tests is available 981120/5
LEM Components
w w w .lem.com
Dimensions LA 100-TP
Bottom view
(in mm. 1 mm = 0.0394 inch)
Left view
Secondary terminals
Terminal Terminal Terminal + : supply voltage + 12 .. 15 V - : supply voltage - 12 .. 15 V M : measure
Connection
Standard 00 or N SP..
Year
Week
Front view Mechanical characteristics
*General tolerance *Fastening & connection of primary
Recommended PCB hole *Fastening & connection of secondary Recommended PCB hole 0.2 mm bus bar 6.4 x 1.6 mm 3.8 mm 3 pins 0.6 x 0.7 mm 0.9 mm
Remarks
*IS is positive when IP flows in the direction of the arrow. *Temperature of the primary conductor should not exceed
100C.
*This is a standard model. For different versions (supply
voltages, turns ratios, unidirectional measurements...), please contact us.
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.


▲Up To Search▲   

 
Price & Availability of LA100-TP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X